PART |
Description |
Maker |
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LPC1853JET256 LPC1857FET256 LPC1833JET256 LPC184X |
(LPC181x/2x/3x/4x/5x) 32-bit ARM Cortex-M3 MCU
|
NXP
|
STA1095 |
Accordo2 Dual Core 32-bit ARM Cortex-R4 / Cortex-M3 processor, with embedded SRAM, integrated DSP sound subsystem, audio ADCs and DACs, isolated CAN MCU for Car Radio and Display Audio applications
|
ST Microelectronics
|
LPC1820FET100 |
32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package
|
NXP Semiconductors N.V.
|
LPC4370FET100 |
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
|
NXP Semiconductors
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
LPC1751 |
32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
|
NXP Semiconductors
|
STM32F301K8 STM32F301K8U6 STM32F301R8T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU,12-bit ADC 5 MSPS, Comparator, Op-Amp
|
ST Microelectronics
|
STM32F411VEI6 |
STM32 Dynamic Efficiency MCU, High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 100 MHz CPU, Art Accelerator
|
ST Microelectronics
|
STM32F303VBT6 STM32F303VBT6TR |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 Kbytes Flash, 72 MHz CPU, MPU, CCM, 12-bit ADC 5 MSPS, PGA, comparators
|
ST Microelectronics
|
|